Part Number Hot Search : 
PGM5549 215012 SMM152 LG122322 LA1888NM 03600 AN3223 ARJ2012Z
Product Description
Full Text Search
 

To Download KPD-2520SGC-03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no: dsaa6577 rev no: v.4 date: mar/21/2005 page: 1 of 4 approved: j. lu checked: allen liu drawn: j.f.wang package dimension s kpd - 2520sgc - 03 super bright green description the super bright green source color devices are made with gallium phosphide green light emitting diode. 4.5x2mm smd chip led lamp notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0 .2(0.008") unless otherwise noted. 3.specifications are subject to change without notice. features  4.5x2mm smt led,0.5mm thickness  low power consumption.  ideal for backlight and indicator.  various colors and lens types available.  package : 1000pcs/reel.  rohs compliant.
spec no: dsaa6577 rev no: v.4 date: mar/21/2005 page: 2 of 4 approved: j. lu checked: allen liu drawn: j.f.wang selection guid e electrical / optical characteristics at t a =25 c absolute maximum ratings at t a =25 c part no. dice lens type iv (mcd) @ 20ma viewing angle min. typ. 2 1/2 kpd - 2520sgc - 03 super bright green (gap) water clear 36 90 20 note: 1. 1/10 duty cycle, 0.1ms pulse width. note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. symbol parameter device typ. max. test conditions units peak peak wavelength super bright green 565 nm i f =20ma d dominant wavelength super bright green 568 nm i f =20ma ? 1/2 spectral line half - width super bright green 30 nm i f =20ma c capacitance super bright green 15 pf v f =0v;f=1mhz v f forward voltage super bright green 2.2 2.5 v i f =20ma i r reverse current super bright green 10 ua v r = 5v parameter super bright green units power dissipation 105 mw dc forward current 25 ma peak forward current [1] 140 ma reverse voltage 5 v operating/storage temperature - 40c to +85c
spec no: dsaa6577 rev no: v.4 date: mar/21/2005 page: 3 of 4 approved: j. lu checked: allen liu drawn: j.f.wang super bright green kpd - 2520sgc - 03
spec no: dsaa6577 rev no: v.4 date: mar/21/2005 page: 4 of 4 approved: j. lu checked: allen liu drawn: j.f.wang recommended soldering pattern (units : mm ) kpd - 2520sgc - 03 tape specifications (units : mm ) remarks: if special sorting is required (e.g. binning based on forward voltage,luminous intensity, or wavelength), the typical accuracy of the sorting process is as follows: 1. wavelength: +/ - 1nm 2. luminous intensity: +/ - 15% 3. forward voltage: +/ - 0.1v note: accuracy may depend on the sorting parameters.


▲Up To Search▲   

 
Price & Availability of KPD-2520SGC-03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X